Part Number Hot Search : 
PSP4801 60PVL1 SP600212 8P05S UT54A LA6529M CXA2581 56HFA
Product Description
Full Text Search
 

To Download MMTZJ75A-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro commercial components corp. products end of life notification issue date: issue date: issue date: issue date: jun junjun jun- -- -1 11 1 st stst st - -- -20 2020 2010 1010 10 eol no#: eol no#: eol no#: eol no#:0 00 060110 60110 60110 60110 last buy date : last buy date : last buy date : last buy date : n/a n/an/a n/a description and purpose: description and purpose: description and purpose: description and purpose: mcc has undergone a review of its core business and products , and mcc has undergone a review of its core business and products , and mcc has undergone a review of its core business and products , and mcc has undergone a review of its core business and products , and determined to discontinue belo determined to discontinue belo determined to discontinue belo determined to discontinue below products: w products: w products: w products: discontinued devices discontinued devices discontinued devices discontinued devices possible replacements possible replacements possible replacements possible replacements mmtzj2.0~mmtzj39 n/a dlz3.6a~dlz39d n/a zmy3.0g n/a zmy3.3g~zmy75g dl4728~dl4761 www. mccsemi .com tm micro commercial components m c c
mmtzj2.0 thru mmtzj39 5 00 mw zener diode features  do-35 glass sealed package  high reliability maximum ratings symbol parameter rating unit rthja thermal resistance 500 k/w p d power dissipation 500 m w t j junction temperature 1 75 o c t stg storage temperature range - 6 5to+1 75 o c  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 1 2010/02/05 5          
   dimensions inches mm dim min max min max note 0 0 25 50 100 150 175 200 700 600 500 400 300 200 100 power dissipation : p d (mw) ambient temperature : ta ( c) tm micro commercial components www. mccsemi .com 1 of 5 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? moisture sensitivity: level 1 per j-std-020c note: 1. lead in glass exemption applied, see eu directive annex 5. a --- .166 --- 4.2 b --- .079 --- 2.00 c --- .020 --- .52 d 1.000 --- 25.40 ---
electrical characteristics @25 c t2 t r 225 mcc min. max. i z (ma) max. i z (ma) max. i z (ma) max. v r (v) a 1.88 2.10 b 2.02 2.20 a 2.12 2.30 b 2.22 2.41 a 2.33 2.52 b 2.43 2.63 a 2.54 2.75 b 2.69 2.91 a 2.85 3.07 b 3.01 3.22 a 3.16 3.38 b 3.32 3.53 a3.463.69 b 3.60 3.84 a 3.74 4.01 b 3.89 4.16 a 4.04 4.29 b 4.17 4.43 c 4.30 4.57 a 4.44 4.68 b 4.55 4.80 c 4.68 4.93 a 4.81 5.07 b 4.94 5.20 c 5.09 5.37 a 5.28 5.55 b 5.45 5.73 c 5.61 5.91 a 5.78 6.09 b 5.96 6.27 c 6.12 6.44 a 6.29 6.63 b 6.49 6.83 c 6.66 7.01 a 6.85 7.22 b 7.07 7.45 c 7.29 7.67 a 7.53 7.92 b 7.78 8.19 c 8.03 8.45 a 8.29 8.73 b 8.57 9.01 c 8.83 9.30 reverse current ir(ua) zener voltage type v z (v) z zt (ohm) z zk (ohm) operating resistance rising operating resistance mmtzj2.0 mmtzj2.2 mmtzj2.4 mmtzj2.7 mmtzj3.0 mmtzj3.3 mmtzj3.6 mmtzj3.9 mmtzj4.3 mmtzj4.7 mmtzj5.1 mmtzj5.6 mmtzj6.2 mmtzj6.8 mmtzj7.5 mmtzj8.2 mmtzj9.1 rank 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 100 5 1000 100 5 1000 120 5 1000 0.5 120 0.5 100 5 1000 0.5 100 0.7 0.5 120 1.0 110 5 1000 0.5 100 1.0 0.5 50 1.0 120 5 1000 0.5 20 1.0 100 5 1000 1 100 5 1000 1 10 1.0 5 1.0 100 5 1000 1 90 5 900 1 800 1 5 1.0 5 1.0 5 1.5 60 5 500 1 5 2.5 80 5 60 5 300 1 20 5 150 0.5 120 0.5 5 3.0 2 3.5 0.5 4.0 20 5 120 0.5 0.5 5.0 20 5 25 5 120 0.5 0.5 6.0 tm micro commercial components www. mccsemi .com 2 of 5
mcc mcc mcc mcc mcc min. max. i z (ma) max. i z (ma) max. i z (ma) max. v r (v) a 9.12 9.59 b 9.41 9.90 c 9.70 10.20 d 9.94 10.44 a 10.18 10.71 b 10.50 11.05 c 10.82 11.38 a 11.13 11.71 b 11.44 12.03 c 11.74 12.35 a 12.11 12.75 b 12.55 13.20 c 12.99 13.66 a 13.44 14.13 b 13.89 14.62 c 14.35 15.09 a 14.80 15.57 b 15.25 16.04 c 15.69 16.51 a 16.22 17.06 b 16.82 17.70 c 17.42 18.33 a 18.20 18.96 b 18.63 19.59 c 19.23 20.22 d 19.72 20.72 a 20.15 21.20 b 20.64 21.71 c 21.08 22.17 d 21.52 22.63 a 22.05 23.18 b 22.61 23.77 c 23.12 24.13 d 23.63 24.85 a 24.26 25.52 b 24.97 26.26 c 25.63 26.95 d 26.29 27.64 a 26.99 28.39 b 27.70 29.13 c 28.36 29.82 d 29.02 30.51 120 0.5 mmtzj105305 z zk (ohm) ir(ua) type zener voltage operating resistance rising operating resistance reverse current rank v z (v) z zt (ohm) 0.2 7 mmtzj1153051200.50.28 mmtzj1253051100.50.29 mmtzj1353551100.50.210 mmtzj1554051100.50.211 mmtzj1654051500.50.212 mmtzj1854551500.50.213 mmtzj2055552000.50.215 mmtzj2253052000.50.217 mmtzj2453552000.50.219 mmtzj2754552500.50.221 mmtzj3055552500.50.223 electrical characteristics @25  c mmtzj2.0 thru mmtzj39 revision: 1 2010/02/05 tm micro commercial components www. mccsemi .com 3 of 5
min. max. i z (ma) max. i z (ma) max. i z (ma) max. v r (v) a 29.68 31.22 b 30.32 31.88 c 30.90 32.50 d 31.49 33.11 a 32.14 33.79 b 32.79 34.49 c 33.40 35.13 d 34.01 35.77 a 34.68 36.47 b 35.36 37.19 c 36.00 37.85 d 36.63 38.52 type zener voltage operating resistance rising operating resistance reverse current rank v z (v) z zt (ohm) z zk (ohm) ir(ua) mmtzj3356552500.50.225 mmtzj3657552500.50.227 mmtzj3958552500.50.230 mcc electrical characteristics @25  c electrical characteristics @25  c mmtzj2.0 thru mmtzj39 zener characteristics 0 1 10 100 1m 10m 100m 68 2 4 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 zener current : i z (a) zener voltage : v z (v) 39 36 33 30 27 24 22 20 18 16 15 13 12 11 10 7.5 9.1 8.2 6.8 6.2 5.6 5.1 4.3 3.9 3.6 pd=500mw revision: 1 20 10/02/05 tm micro commercial components www. mccsemi .com 4 of 5
mcc revision: 1 2010/02/05 tm micro commercial components www. mccsemi .com 5 of 5 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel; 10kpcs/reel (part number)-ap ammo packing;5kpcs/ammobox (part number)-bp bulk;500pcs/box


▲Up To Search▲   

 
Price & Availability of MMTZJ75A-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X